Part Number Hot Search : 
1N5256 DTC115EE MBC13916 AV99S T88SC MC7915CT EASSM23 74HC238
Product Description
Full Text Search
 

To Download AK4522 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAHI KASEI
[AK4522]
20Bit Stereo ADC & DAC
AK4522
GENERAL DESCRIPTION The AK4522 has a dynamic range of 100dB and is well-suited middle-range MD, surround system, musical instruments and car audio. Signal inputs and outputs are single-ended. The DAC outputs are analog filtered to remove out of band noise. External components are minimized. The AK4522 is available in a small 24pin VSOP package, which will reduce system space. FEATURES * Stereo ADC - 64x Oversampling - Sampling Rate Ranging from 16kHz to 48kHz - S/(N+D): 92dB - Dynamic Range, S/N: 100dB - Digital HPF for offset cancellation * Stereo DAC - 128x Oversampling - Sampling Rate Ranging from 16kHz to 48kHz - 2nd order SCF + 2nd order CTF - Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling - S/(N+D): 90dB - Dynamic Range, S/N: 100dB - Soft Mute * High Jitter Tolerance * Master Clock: 256fs, 384fs, 512fs * Analog Power Supply: 4.5 to 5.5V, Digital Power Supply: 2.7 to 5.5V * Small VSOP Package: 24pin VSOP
VA AINL+ AINLAINR+ AINRVREFH VCOM Common Voltage LPF Modulator Modulator 8x Interpolator AGND VD DGND Decimation Filter CMODE Clock Divider
Modulator Modulator
HPF
MCKI LRCK
Decimation Filter
HPF
SCLK Serial I/O Interface SDTO SDTI DIF0 DIF1 SMUTE
AOUTL
AOUTR
LPF
8x Interpolator
PD
DEM0 DEM1
M0020-E-01 -1-
1998/10
ASAHI KASEI
[AK4522]
n Ordering Guide
AK4522VF AKD4522 -10 +70C 24pin VSOP (0.65mm pitch) Evaluation Board for AK4522
n Pin Layout
VREFH AINR+ AINRAINL+ AINLVA AGND DIF0 DIF1 LRCK SCLK SDTI
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20
VCOM AOUTR AOUTL CMODE PD DGND VD MCKI DEM1 DEM0 SMUTE SDTO
Top View
19 18 17 16 15 14 13
M0020-E-01 -2-
1998/10
ASAHI KASEI
[AK4522]
PIN/FUNCTION
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Pin Name VREFH AINR+ AINRAINL+ AINLVA AGND DIF0 DIF1 LRCK SCLK SDTI SDTO SMUTE DEM0 DEM1 MCKI VD DGND PD CMODE AOUTL AOUTR VCOM I/O I I I I I I I I I I O I I I I I I I I O Function Positive Voltage Reference Input Pin, VA Used as a positive voltage reference by ADC & DAC. VREFH should be connected externally to filtered VA. Rch Analog Positive Input Pin Rch Analog Negative Input Pin Lch Analog Positive Input Pin Lch Analog Negative Input Pin Analog Power Supply Pin Analog Ground Pin Audio Data Interface Format Pin Audio Data Interface Format Pin Input/Output Channel Clock Pin Audio Serial Data Clock Pin Audio Serial Data Input Pin Audio Serial Data Output Pin Soft Mute Pin When this pin goes "H", soft mute cycle is initiated. When returning "L", the output mute releases. De-emphasis Frequency Select Pin De-emphasis Frequency Select Pin Master Clock Input/X'tal Input Pin Digital Power Supply Pin Digital Ground Pin Reset Pin Master Clock Select Pin (Internal Biased pin) "H": 384fs, "L": 256fs, "NC": 512fs Lch Analog Output Pin Rch Analog Output Pin Common Voltage Output Pin, VA/2
Note: All input pins except pull-down pins should not be left floating.
M0020-E-01 -3-
1998/10
ASAHI KASEI
[AK4522]
ABSOLUTE MAXIMUM RATINGS (AGND DGND=0V; Note 1) Parameter Symbol min Power Supplies Analog VA -0.3 Digital VD -0.3 |AGND-DGND| (Note 2) GND Input Current, Any Pin Except Supplies IIN Analog Input Voltage VINA -0.3 Digital Input Voltage VIND -0.3 Ambient Temperature (power applied) Ta -10 Storage Temperature Tstg -65
Note:1. All voltages with respect to ground. 2. AGND and DGND must be same voltage.
max 6.0 6.0 0.3 10 VA+0.3 VD+0.3 70 150
Units V V V mA V V C C
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (AGND, DGND=0V; Note 1) Parameter Symbol min typ Power Supplies Analog VA 4.5 5.0 (Note 3) Digital VD 2.7 5.0
Note:1. All voltages with respect to ground. 3. The power up sequence between VA and VD is not critical.
max 5.5 VA
Units V V
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.
M0020-E-01 -4-
1998/10
ASAHI KASEI
[AK4522]
ANALOG CHARACTERISTICS (Ta=25C; VA, VD=5V; AGND, DGND=0V; VREFH=VA; fs=44.1kHz; SCLK=64fs; Signal Frequency =1kHz; 20bit Data; Measurement Frequency=10Hz 20kHz; unless otherwise specified) Parameter min typ max
ADC Analog Input Characteristics: Differential Inputs; Analog Source Impedance=470 20 (Note 4) (Note 5) (Note 5, 6) 84 94 94 90 92 100 100 110 0.1 20 3.0 30 50 Resolution S/(N+D) (-0.5dB Input) DR (-60dB Input, A-Weighted) S/N (A-Weighted) Interchannel Isolation Interchannel Gain Mismatch Gain Drift Input Voltage (AIN=0.6 x VREFH) Input Resistance Power Supply Rejection DAC Analog Output Characteristics: Resolution S/(N+D) DR (-60dB Output, A-Weighted) (Note 5) S/N (A-Weighted) (Note 6, 9) Interchannel Isolation Interchannel Gain Mismatch Gain Drift Output Voltage (AOUT=0.6 x VREFH) Load Resistance Load Capacitance Power Supply Rejection (Note 8) Power Supplies Power Supply Current (VA=VD=5V) Analog, VA PD ="H" Digital, VD PD ="H" 42 10 55 20 20 80 95 95 90 90 100 100 110 0.2 20 2.9
Units Bits dB dB dB dB dB ppm/C Vpp k dB Bits dB dB dB dB dB ppm/C Vpp k pF dB
0.3 3.15
(Note 7) (Note 8)
2.85 20
0.5 3.15 25
2.65 5
50
mA mA
Note: 4. In case of single ended input, S/(N+D)=80dB(typ, @VA=5V). 5. In case of 16bit, DR and S/N of ADC are 98dB. DR of DAC is 98dB. 6. S/N measured by CCIR-ARM is 96dB at each converter and 94dB at ADC to DAC loopback. 7. Full scale input for each AIN+/- pin is 1.5Vpp in differential mode. 8. PSR is applied to VA, VD with 1kHz, 50mVpp. VREFH pin is held a constant voltage. 9. As the input data is "0", S/N is 100dB regardless of resolution.
M0020-E-01 -5-
1998/10
ASAHI KASEI
[AK4522]
FILTER CHARACTERISTICS (Ta=25C; VA=4.5 5.5V, VD=2.7 5.5V; fs=44.1kHz; DEM0="1", DEM1="0") Parameter Symbol min typ ADC Digital Filter (Decimation LPF): Passband (Note 10) -0.005dB PB 0 -0.02dB 0 -0.06dB 0 -6.0dB 0 Stopband SB 24.34 Passband Ripple PR Stopband Attenuation SA 80 Group Delay (Note 11) GD 29.3 Group Delay Distortion 0 GD ADC Digital Filter (HPF): Frequency Response (Note 10) -3dB FR 0.9 -0.5dB 2.7 -0.1dB 6.0 DAC Digital Filter: Passband (Note 10) -0.06dB PB 0 -6.0dB 0 Stopband SB 24.1 Passband Ripple PR Stopband Attenuation SA 43 Group Delay (Note 11) GD 14.7 DAC Digital Filter + Analog Filter: FR Frequency Response: 0 20.0kHz 0.2
max 19.76 20.02 20.20 22.05 0.005
Units kHz kHz kHz kHz kHz dB dB 1/fs us Hz Hz Hz
20.0 22.05 0.06
kHz kHz kHz dB dB 1/fs dB
Note:10. The passband and stopband frequencies scale with fs. For example, 20.02kHz at -0.02dB is 0.454 x fs. The reference frequency of these responses is 1kHz. 11. The calculating delay time which occurred by digital filtering. This time is from the input of analog signal to setting the 20bit data of both channels to the output register for ADC. For DAC, this time is from setting the 20bit data of both channels on input register to the output of analog signal.
DIGITAL CHARACTERISTICS (Ta=25C; VA=4.5 5.5V, VD=2.7 5.5V) Parameter Symbol min High-Level Input Voltage (Except CMODE VIH 70%VD pin) VIL Low-Level Input Voltage (Except CMODE pin) High-Level Input Voltage (CMODE pin) VIH 95%VD Low-Level Input Voltage (CMODE pin) VIL Hight-Level Output Voltage (Iout=-80uA) VOH VD-0.4 Low-Level Output Voltage (Iout=80uA) VOL Input Leakage Current (Note 12) Iin -
typ -
Max 30%VD
Units V V
-
10%VD 0.4 10
V V V V uA
Note: 12. CMODE pin has internal pull-up and pull-down devices, nominally 50kohm.
M0020-E-01 -6-
1998/10
ASAHI KASEI
[AK4522]
SWITCHING CHARACTERISTICS (Ta=25C; VA=4.5 5.5V, VD=2.7 5.5V; CL=20pF) Parameter Symbol min
Master Clock Timing External Clock 256fs: Pulse Width Low Pulse Width High 384fs: Pulse Width Low Pulse Width High 512fs: Pulse Width Low Pulse Width High LRCK Frequency Duty Cycle Serial Interface Timing Slave mode SCLK Period SCLK Pulse Width Low Pulse Width High LRCK Edge to SCLK "" (Note 13) SCLK "" to LRCK Edge (Note 13) LRCK to SDTO(MSB) SCLK "" to SDTO SDTI Hold Time SDTI Setup Time Reset Timing PD Pulse Width (Note 14) PD "" to SDTO valid fCLK tCLKL tCLKH fCLK tCLKL tCLKH fCLK tCLKL tCLKH fsn dfs 4.096 27 27 6.144 20 20 8.192 15 15 16 45
typ
max 12.288
Units MHz ns ns MHz ns ns MHz ns ns kHz %
18.432
24.576
44.1
48 55
tSCK tSCKL tSCKH tLRS tSLR tLRM tSSD tSDH tSDS tPD tPDV
160 65 65 45 45 40 50 40 25 150 516
ns ns ns ns ns ns ns ns ns ns 1/fs
Note 13. SCLK rising edge must not occur at the same time as LRCK edge. 14. These cycles are the number of LRCK rising from PD rising. The AK4522 can be reset by bringing PD "L".
M0020-E-01 -7-
1998/10
ASAHI KASEI
[AK4522]
n Timing Diagram
LRCK tSLR tLRS tSLKL tSLKH
50%VD
SCLK
50%VD
tLRM
tSSD
SDTO tSDH tSDS SDTI
50%VD
50%VD
Serial Interface Timing (Slave mode)
tPD 70%VD 30%VD tPDV SDTO
PD
Reset & Initialize Timing
M0020-E-01 -8-
1998/10
ASAHI KASEI
[AK4522]
OPERATION OVERVIEW n System Clock
The master clock (MCLK) can be external clock input to the MCKI pin. CMODE is used to select either MCLK=256fs, 384fs or 512fs. The relationship between the MCLK and the desired sample rate is defined in Table 1. The LRCK clock input must be synchronized with MCLK, however the phase is not critical. Internal timing is synchronized to LRCK upon power-up. All external clocks must be present unless PD = "L", otherwise excessive current may result from abnormal operation of internal dynamic logic. MCLK 384fs CMODE="H" 12.2880MHz 16.9344MHz 18.4320MHz SCLK 512fs CMODE="NC" 16.384MHz 22.579MHz 24.576MHz 64fs 2.048MHz 2.822MHz 3.072MHz 128fs 4.096MHz 5.644MHz 6.144MHz
fs 32.0kHz 44.1kHz 48.0kHz
256fs CMODE="L" 8.1920MHz 11.2896MHz 12.2880MHz
Table 1. System Clock Example
n Audio Serial Interface Format
Data is shifted in/out the SDTI/SDTO pins using SCLK and LRCK inputs. Four serial data modes selected by the DIF0 and DIF1 pins are supported as shown in Table 2. In all modes the serial data has MSB first, 2's compliment format. The data is clocked out on the falling edge of SCLK and latched on the rising edge. For mode 3, if SCLK is 32fs, then the least significant bits will be truncated. Mode 0 1 2 3 DIF1 0 0 1 1 DIF0 0 1 0 1 SDTO (ADC) 20bit, MSB justified 20bit, MSB justified 20bit, MSB justified IIS (I2S) SDTI (DAC) 16bit, LSB justified 20bit, LSB justified 20bit, MSB justified IIS (I2S) L/R H/L H/L H/L L/H SCLK 32fs 40fs 40fs 32fs or 40fs
Table 2. Serial Data Modes LRCK(i)
0 1 2 3 9 10 11 12 13 14 15 0 1 2 9 10 11 12 13 14 15 0 1
SCLK(i:32fs) SDTO(o) SDTI(i)
0
19 18 17
11 10
9
8
7
6
5
4
19 18 17
11 10
9
8
7
6
5
4
19
15 14 13
1 2 3
7
17
6
18
5
19
4
20
3
2
30
1
31
0
0
15 14 13
1 2 3
7
17
6
18
5
19
4
20
3
2
1
31
0
0
15
1
SCLK(i:64fs) SDTO(o) SDTI(i)
19 18 17 3 2 1 0 19 18 17 3 2 1 0 19
Don't Care
15 14 13
12 11
2
1
0
Don't Care
15 14 13 12 11
2
1
0
SDTO-19:MSB, 0:LSB; SDTI-15:MSB, 0:LSB Lch Data
Rch Data
Figure 1. Mode 0 Timing
M0020-E-01 -9-
1998/10
ASAHI KASEI
[AK4522]
LRCK(i)
0 1 2 12 13 14 20 21 31 0 1 2 12 13 14 20 21 31 0 1
SCLK(i:64fs) SDTO(o) SDTI(i)
19 18 8 7 6 0 19 18 8 7 6 0 19
Don't Care 19:MSB, 0:LSB
19 18
12 11
1
0
Don't Care
19 18
12 11
1
0
Lch Data
Rch Data
Figure 2. Mode 1 Timing LRCK(i)
0 1 2 17 18 19 20 21 0 1 2 17 18 19 20 21 0 1
SCLK(i:64fs) SDTO(o) SDTI(i)
19 18 3 2 1 0 19 18 3 2 1 0 19
19 18
3
2
1
0
Don't Care
23 22
3
2
1
0
Don't Care
19
19:MSB, 0:LSB
Lch Data
Rch Data
Figure 3. Mode 2 Timing
LRCK(i)
0 1 2 3 9 10 11 12 13 14 15 0 1 2 9 10 11 12 13 14 15 0 1
SCLK(i:32fs) SDTO(o) SDTI(i)
0
4
1
19 18
2 3
12 11 10
17 18 19
9
20
8
21
7
6
31
5
0
4
1
19 18
2 3
12 11 10
17 18 19
9
20
8
21
7
6
31
5
0
4
1
SCLK(i:64fs) SDTO(o) SDTI(i)
19 18 4 3 2 1 0 19 18 4 3 2 1 0
19 18
4
3
2
1
0
Don't Care
19 18
4
3
2
1
0
Don't Care
19:MSB, 0:LSB Lch Data Rch Data
Figure 4. Mode 3 Timing
n Digital High Pass Filter
The ADC of AK4522 has a digital high pass filter for DC offset cancel. The cut-off frequency of the HPF is 0.9Hz at fs=44.1kHz and also scales with sampling rate (fs).
M0020-E-01 - 10 -
1998/10
ASAHI KASEI
[AK4522]
n De-emphasis Filter
The DAC of AK4522 includes the digital de-emphasis filter (tc=50/15us) by IIR filter. This filter corresponds to three frequencies (32kHz, 44.1kHz, 48kHz). The de-emphasis filter selected by DEM0 and DEM1 is enabled for input audio data. The de-emphasis is also disabled at DEM0="1" and DEM1="0". DEM1 0 0 1 1 DEM0 0 1 0 1 Mode 44.1kHz OFF 48kHz 32kHz
Table 3. De-emphasis filter control
n Soft Mute Operation
Soft mute operation is performed at digital domain. When SMUTE goes to "H", the output signal is attenuated by - during 1024 LRCK cycles. When SMUTE is returned to "L", the mute is cancelled and the output attenuation gradually changes to 0dB during 1024 LRCK cycles. If the soft mute is cancelled within 1024 LRCK cycles after starting the operation, the attenuation is discontinued and returned to 0dB. The soft mute is effective for changing the signal source without stopping the signal transmission.
SMUTE 1024/fs (1) 1024/fs (3)
0dB Attenuation
-
GD (2) GD
Noise level
-100dB
Notes: (1) The output signal is attenuated by - during 1024 LRCK cycles (1024/fs). (2) Analog output corresponding to digital input has the group delay (GD). (3) If the soft mute is cancelled within 1024 LRCK cycles, the attenuation is discontinued and returned to 0dB. Figure 5. Soft Mute Operation
M0020-E-01 - 11 -
1998/10
ASAHI KASEI
[AK4522]
n Power-Down & Reset
The ADC and DAC of AK4522 are placed in the reset mode by bringing a reset pin, PD "L". This reset should always be done after power-up. In case of the ADC, an analog initialization cycle starts after exiting the reset mode. Therefore, the output data, SDTO becomes available after 516 cycles of LRCK clock. This initialization cycle does not affect the DAC operation. Figure 6 shows the power-up sequence.
PD
516/fs
(1)
ADC Internal State DAC Internal State
Normal Operation
Reset
Init Cycle
Normal Operation
Normal Operation GD (2)
Reset
Normal Operation GD
ADC In (Analog) ADC Out (Digital) DAC In (Digital)
GD
(3)
"0"data
(4)
"0"data
(2) (5) (5)
GD
DAC Out (Analog) Clock In
MCLK,LRCK,SCLK
The clocks may be stopped.
External Mute
(6)
Mute ON
(1) The analog part of ADC is initialized after exiting the reset state. (2) Digital output corresponding to analog input and analog output corresponding to digital input have the group delay (GD). (3) A/D output is "0" data at the reset state. (4) Small click noise occurs at the end of initialization of the analog part. Please mute the digital output externally if the click noise influences system application. (5) Click noise occurs at the edge of PD . (6) Please mute the analog output externally if the click noise (5) influences system application. Figure 6. Power-up sequence
M0020-E-01 - 12 -
1998/10
ASAHI KASEI
[AK4522]
SYSTEM DESIGN
Figure 7 shows the system connection diagram. This is an example which analog signal is input by single ended circuit. In case of differential input, please refer to Figure 10. An evaluation board is available which demonstrates application circuits, the optimum layout, power supply arrangements and measurement results.
4.5 5.5V Analog Supply
10u + 0.1u 1 2.2n 470 4.7u 2.2n 4.7u + 0.1u + 0.1u 7 AGND DIF0 DIF1 LRCK SCLK SDTI 2 0.1u 3 4 5 6 VREFH AINR+ AINRAINL+ AINLVA VCOM AOUTR AOUTL CMODE PD 24 23 22 21 20 19 18 17 16 15 14 13 0.1u + 10u 5 0.1u + 10u 470
2.7 5.5V Digital Supply
AK4522
DGND VD MCKI DEM1 DEM0 SMUTE SDTO
Format Setting
8 9 10 11
Mode Setting
Audio Controller
12
Figure 7. Typical Connection Diagram
Notes: - When AOUT drives some capacitive load, some resistor should be added in series between AOUT and capacitive load. - All input pins except CMODE pin should not be left floating.
M0020-E-01 - 13 -
1998/10
ASAHI KASEI
[AK4522]
Analog Ground
1 2 3 4 5 6 7 8 9 10 11 12
VREFH AINR+ AINRAINL+ AINLVA AGND DIF0 DIF1 LRCK SCLK SDTI
VCOM AOUTR AOUTL CMODE PD
24 23 22 21 20 19 18 17 16 15 14 13
AK4522
DGND VD MCKI DEM1 DEM0 SMUTE SDTO
Digital Ground
System Controller
Figure 8. Ground Layout
5V analog
5V digital
VA
VD AK4522
VD System Controller
Case 1. 5V system 5V analog 3V digital
VA
VD AK4522
VD System Controller
Case 2. 5V/3V system
Figure 9. Power Supply Arrangement M0020-E-01 - 14 1998/10
ASAHI KASEI
[AK4522]
1. Grounding and Power Supply Decoupling
The AK4522 requires careful attention to power supply and grounding arrangements. VA and VD are usually supplied from analog supply in system. Alternatively if VA and VD are supplied separately, the power up sequence is not critical. AGND and DGND of the AK4522 should be connected to analog ground plane. System analog ground and digital ground should be connected together near to where the supplies are brought onto the printed circuit board. Decoupling capacitors should be as near to the AK4522 as possible, with the small value ceramic capacitor being the nearest.
2. Voltage Reference
The differential voltage between VREFH and AGND sets the analog input/output range. VREFH pin is normally connected to VA with a 0.1uF ceramic capacitor. VCOM is a signal ground of this chip. An electrolytic capacitor 10uF parallel with a 0.1uF ceramic capacitor attached to VCOM pin eliminates the effects of high frequency noise. No load current may be drawn from VCOM pin. All signals, especially clocks, should be kept away from the VREFH and VCOM pins in order to avoid unwanted coupling into the AK4522.
3. Analog Inputs
The ADC inputs are differential and internally biased to the common voltage (VA/2) with 30k (typ) resistance. Figure 7 is a circuit example which analog signal is input by single end. The signal can be input from either positive or negative input and the input signal range scales with the supply voltage and nominally 0.6 x VREFH Vpp. In case of single ended input, the distortion around full scale degrades compared with differential input. Figure 10 is a circuit example which analog signal is input to both positive and negative input and the input signal range scales with the supply voltage and nominally 0.3 x VREFH Vpp. The AK4522 can accept input voltages from AGND to VA. The ADC output data format is 2's complement. The output code is 7FFFFH(@20bit) for input above a positive full scale and 80000H(@20bit) for input below a negative fill scale. The ideal code is 00000H(@20bit) with no input signal. The DC offset is removed by the internal HPF. The AK4522 samples the analog inputs at 64fs. The digital filter rejects noise above the stop band except for multiples of 64fs. A simple RC filter (fc=150kHz) may be used to attenuate any noise around 64fs and most audio signals do not have significant energy at 64fs.
4.7k 1.5Vpp 10k 330 330 AINRAINL+ AINL3 1.5Vpp 4 5 4.7k Vop=VA=5V 4.7k Same circuit 0.1u BIAS + 10u + NJM2100 10k Vop + 10k Vop 22u Signal 3.2Vpp
AK4522
AINR+ 2
1.5nF
Figure 10. Differential Input Buffer Example
M0020-E-01 - 15 -
1998/10
ASAHI KASEI
[AK4522]
4. Analog Outputs
The analog outputs are also single-ended and centered around the VCOM voltage. The input signal range scales with the supply voltage and nominally 0.58 x VREFH Vpp. The DAC input data format is 2's complement. The output voltage is a positive full scale for 7FFFFH(@20bit) and a negative full scale for 80000H(@20bit). The ideal output is VCOM voltage for 00000H(@20bit). The internal switched-capacitor filter and continuous-time filter remove most of the noise generated by the delta-sigma modulator of DAC beyond the audio passband. DC offsets on analog outputs are eliminated by AC coupling since DAC outputs have DC offsets of a few mV. Figure 11 shows the example of external op-amp circuit with 6dB gain. The output signal is inverted by using the circuit in this case.
27u AOUTL 2.9Vpp + Vop 4.7k BIAS 10u + 0.1u 4.7k Rch Op-amp Optional amp with 6dB gain Vop + 10u + NJM5532 27k Lch Out 5.2Vpp 10k 18k Vop=12V
Figure 11. External analog circuit example (gain=6dB)
M0020-E-01 - 16 -
1998/10
ASAHI KASEI
[AK4522]
PACKAGE
24pin VSOP (Unit: mm)
*7.80.15 1.250.2
24
13 A 7.60.2 0.150.05 0.1 Detail A 0-10 0.50.2
Epoxy Cu Solder plate 1998/10 - 17 -
1 0.220.1
12 0.65
Seating Plane
| 0.10
NOTE: Dimension "*" does not include mold flash.
n Package & Lead frame material
Package molding compound: Lead frame material: Lead frame surface treatment:
M0020-E-01
*5.60.2
ASAHI KASEI
[AK4522]
MARKING
AKM AK4522VF AAXXXX
Contents of AAXXXX AA: Lot# XXXX: Date code
IMPORTANT NOTICE * These products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. * AKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. * Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. * AKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. * It is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification.
M0020-E-01 - 18 -
1998/10


▲Up To Search▲   

 
Price & Availability of AK4522

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X